PART |
Description |
Maker |
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
HT48R50-1 HT48R50-2 |
8-bit OTP Microcontrollers
|
HOLTEK[Holtek Semiconductor Inc]
|
Z86E73 Z86L74 Z86E72 Z86E74 Z86L73 |
OTP IR Microcontrollers INFRARED REMOTE CONTROLLERS
|
ZILOG[Zilog, Inc.]
|
SAFC164CI-8EMC-STEP |
16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz
|
Infineon
|
P83CL883T P83CL884T P83CL884TXXX P83CL883TXXX P87C |
TELX microcontroller for CTO handset/basestation applications. OTP type: factory-programmed OTP. TELX microcontroller for CTO handset/basestation applications. OTP type: pre-programmed OTP. TELX microcontrollers for CT0 handset/basestation applications
|
Philips Semiconductors
|
PCD3755A PCD3755AH PCD3755AP PCD3755AT PCD3755E PC |
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
|
PHILIPS[Philips Semiconductors]
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
Z86E43 |
CMOS Z8 OTP Microcontroller(CMOS Z8绯诲?涓?????绋?井?у??ī
|
ZiLOG, Inc.
|
Z8PE002 |
CMOS Z8 OTP Microcontroller(CMOS Z8绯诲?涓?????绋?井?у??ī
|
ZiLOG, Inc.
|
P16F877 PIC16LF877 PIC16F87X PIC16F877 16F876 16F8 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers
|
MICROCHIP[Microchip Technology]
|
PIC16C924 PIC16C924-04_CL PIC16C924-04_L PIC16C924 |
From old datasheet system OTP 8-Bit CMOS MCU with EEPROM Data Memory 8-Bit CMOS Microcontroller with LCD Driver
|
MICROCHIP[Microchip Technology]
|